|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
smartrack enclosure skirt kit - use with 3 in. casters model number: SRSKIRT3 description tripp lite's smartrack SRSKIRT3 is a brush strip that blocks unwanted airflow under rack enclosure cabinets that are using the heavy duty 3" casters. the SRSKIRT3 improves cooling efficiency by segregating cold aisle from hot aisle. features brush strip blocks unwanted airflow under rack enclosure cabinets that are using the heavy duty 3" casters improves cooling efficiency by segregating cold aisle from hot aisle specifications physical shipping dimensions (hwd / in.) 1 x 24.6 x 4.2 shipping dimensions (hwd / cm) 2.5 x 62.5 x 10.7 shipping weight (lbs.) 2.2 shipping weight (kg) 1 unit dimensions (hwd / in.) 3.5 x 23.6 x .4 unit dimensions (hwd / cm) 16.1 x 59.9 x 1 unit weight (lbs.) 1.6 unit weight (kg) .73 color black warranty highlights to be used with heavy duty 3" casters brush strip blocks unwanted airflow under rack enclosure improves cooling efficiency segregates cold aisle from hot aisle package includes 1 piece of SRSKIRT3 mounting hardware 1 / 2
product warranty period (worldwide) 5-year limited warranty ? 2015 tripp lite. all rights reserved. all product and company names are trademarks or registered trademarks of their respective holders. use of them does not imply any affiliation with or endorsement by them. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. tripp lite uses primary and third-party agencies to test its products for compliance with standards. see a list of tripp lite's testing agencies: http://www.tripplite.com/products/product-certification-agencies 2 / 2 |
Price & Availability of SRSKIRT3 |